this document was generated on 05/31/2010 please check www.molex.com for latest part information part number: 0719792704 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch c-grid? receptacle, surface mount, dual row, right angle, 8 circuits documents: 3d model product specification ps-71973-9999 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 71979 application board-to-board overview cgrid__sl_products product name c-grid? physical circuits (loaded) 8 glow-wire compliant no material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation right angle pcb locator yes pcb retention yes packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 75 plating min: termination (m) 1.90 polarized to pcb no stackable yes temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 1a, 2a, 3a voltage - maximum 500v ac solder process data duration at max. process temperature (seconds) 10 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers product specification ps-71973-9999 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71979 series mates with 87911 header
this document was generated on 05/31/2010 please check www.molex.com for latest part information
|